| データシートサーチシステム |
|
LM7912CT/NOPB データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM7912CT/NOPB データシート(HTML) 2 Page - Texas Instruments |
|
2 / 14 page ![]() LM7905, LM7912, LM7915 SNOSBQ7C – JUNE 1999 – REVISED MAY 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. ABSOLUTE MAXIMUM RATINGS (1) Input Voltage (Vo = −5V) −25V (Vo = −12V and −15V) −35V Input-Output Differential (Vo = −5V) 25V (Vo = −12V and −15V) 30V Power Dissipation (2) Internally Limited Operating Junction Temperature Range 0°C to +125°C Storage Temperature Range −65°C to +150°C Lead Temperature (Soldering, 10 sec.) 230°C (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but do not ensure Specific Performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. (2) Refer to DESIGN CONSIDERATIONS for details. ELECTRICAL CHARACTERISTICS Conditions unless otherwise noted: IOUT = 500mA, CIN = 2.2μF, COUT = 1μF, 0°C ≤ TJ ≤ +125°C, Power Dissipation ≤ 1.5W. Part Number LM7905C Units Output Voltage −5V Input Voltage (unless otherwise specified) −10V Symbol Parameter Conditions Min Typ Max VO Output Voltage TJ = 25°C −4.8 −5.0 −5.2 V 5mA ≤ IOUT ≤ 1A, −4.75 −5.25 V P ≤ 15W ( −20 ≤ VIN ≤ −7) V ΔVO Line Regulation TJ = 25°C, (1) 8 50 mV ( −25 ≤ VIN ≤ −7) V 2 15 mV ( −12 ≤ VIN ≤ −8) V ΔVO Load Regulation TJ = 25°C, (1) 5mA ≤ IOUT ≤ 1.5A 15 100 mV 250mA ≤ IOUT ≤ 750mA 5 50 mV IQ Quiescent Current TJ = 25°C 1 2 mA ΔIQ Quiescent Current With Line 0.5 mA Change ( −25 ≤ VIN ≤ −7) V With Load, 5mA ≤ IOUT ≤ 1A 0.5 mA Vn Output Noise Voltage TA = 25°C, 10Hz ≤ f ≤ 100Hz 125 μV Ripple Rejection f = 120Hz 54 66 dB ( −18 ≤ VIN ≤ −8) V Dropout Voltage TJ = 25°C, IOUT = 1A 1.1 V IOMAX Peak Output Current TJ = 25°C 2.2 A Average Temperature IOUT = 5mA, 0.4 mV/°C Coefficient of 0 C ≤ TJ ≤ 100°C Output Voltage (1) Regulation is measured at a constant junction temperature by pulse testing with a low duty cycle. Changes in output voltage due to heating effects must be taken into account. 2 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LM7905 LM7912 LM7915 |