データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EFS2B-CD データシート(PDF) 14 Page - STMicroelectronics

部品番号 EFS2B-CD
部品情報  STARLIGHT-KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EFS2B-CD データシート(HTML) 14 Page - STMicroelectronics

Back Button EFS2B-CD Datasheet HTML 6Page - STMicroelectronics EFS2B-CD Datasheet HTML 7Page - STMicroelectronics EFS2B-CD Datasheet HTML 8Page - STMicroelectronics EFS2B-CD Datasheet HTML 9Page - STMicroelectronics EFS2B-CD Datasheet HTML 10Page - STMicroelectronics EFS2B-CD Datasheet HTML 11Page - STMicroelectronics EFS2B-CD Datasheet HTML 12Page - STMicroelectronics EFS2B-CD Datasheet HTML 13Page - STMicroelectronics EFS2B-CD Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
EFS
14/14
PACKAGE MECHANICAL DATA
Pentawatt HV with lead forming - TL5 (ASD
™)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.3
4.8
0.169
0.188
C
1.22
1.42
0.048
0.056
D
2.4
2.8
0.094
0.110
DIAM
3.65
3.85
0.144
0.152
E
0.35
0.45
0.014
0.018
F
0.65
0.75
0.026
0.030
G1
4.88
5.28
0.192
0.208
G2
7.42
7.82
0.292
0.308
H2
10.4
0.409
H3
10.05
10.4
0.396
0.409
L1
3.3
0.130
L2
14.24
14.64 0.560
0.576
L3
2.34
2.74
0.092
0.108
L5
2.6
3
0.102
0.118
L6
15.1
15.8
0.594
0.622
L7
6
6.6
0.236
0.260
R
0.5
0.020
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14