データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC563M60X データシート(PDF) 41 Page - STMicroelectronics

部品番号 SPC563M60X
部品情報  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X データシート(HTML) 41 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 37Page - STMicroelectronics SPC563M60X Datasheet HTML 38Page - STMicroelectronics SPC563M60X Datasheet HTML 39Page - STMicroelectronics SPC563M60X Datasheet HTML 40Page - STMicroelectronics SPC563M60X Datasheet HTML 41Page - STMicroelectronics SPC563M60X Datasheet HTML 42Page - STMicroelectronics SPC563M60X Datasheet HTML 43Page - STMicroelectronics SPC563M60X Datasheet HTML 44Page - STMicroelectronics SPC563M60X Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 128 page
background image
DocID14642 Rev 12
41/128
SPC563M64x, SPC563M60x
Pinout and signal description
127
3
Pinout and signal description
This section contains the pinouts for all production packages for the SPC563Mxx family of
devices. Please note the following:
Pins labeled “NC” are to be left unconnected. Any connection to an external circuit or
voltage may cause unpredictable device behavior or damage.
Pins labeled “NIC” have no internal connection.
3.1
LQFP144 pinout
Figure 2 shows the pinout for the 144-pin LQFP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More