データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA680D データシート(PDF) 21 Page - STMicroelectronics

部品番号 STA680D
部品情報  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680D データシート(HTML) 21 Page - STMicroelectronics

Back Button STA680D Datasheet HTML 17Page - STMicroelectronics STA680D Datasheet HTML 18Page - STMicroelectronics STA680D Datasheet HTML 19Page - STMicroelectronics STA680D Datasheet HTML 20Page - STMicroelectronics STA680D Datasheet HTML 21Page - STMicroelectronics STA680D Datasheet HTML 22Page - STMicroelectronics STA680D Datasheet HTML 23Page - STMicroelectronics STA680D Datasheet HTML 24Page - STMicroelectronics STA680D Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
DS5877 Rev 13
21/48
STA680
General description
47
The architecture of STA680 consists of a mixed hardware/software implementation.
Computation-intensive functional blocks are implemented using custom logic. Software
implementation is more efficient for functional blocks where flexibility is needed.
2.1
Receiver system overview
Such flexibility enables the STA680 to support both the HD 1.0 single-channel, and HD 1.5
double-channel applications, as shown in Figure 4.
Figure 5 shows the internal simplified block diagram of the STA680.
The STA680 receives the digital base-band signal from the digital tuner (e.g. TDA7786 or
TDA7707) and extracts the HD-encoded audio and data services as shown in Figure 5.
STA680 is compatible with conventional base-band radio reception tuners (e.g. TDA7786 or
TDA7707).
Figure 5. Functional block diagram for HD Radio demodulating and decoding
2.2
HD Radio processing
The STA680 HD Radio decoder performs the processing of the IBOC signal. The native
internal processing data rate is 744.1875 kS/s for FM and 46.51171875 kS/s for AM.
The input I2S base-band interface accepts several input sample rates thanks to the
availability of a reconfigurable sample rate converter.The supported rates are: 650 kS/s,
675 kS/s, 744.1875 kS/s and 912 kS/s.
The STA680 is responsible for the detection, acquisition and demodulation of the IBOC
signal. This processing is mainly performed inside the Vectra DSP core. The demodulated
signal is then passed to the Hi-Fi processor for decoding and handling of data services. The
digital 44.1 kHz decompressed audio is streamed out by means of the Digital Audio
Interface.
The STA680 requires a 4Mwords x16bits external SDRAM (with up to 32Mword x16bits
supported) for data storage in order to process the HD Radio stream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48