データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA1095 データシート(PDF) 39 Page - STMicroelectronics

部品番号 STA1095
部品情報  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1095 データシート(HTML) 39 Page - STMicroelectronics

Back Button STA1095 Datasheet HTML 35Page - STMicroelectronics STA1095 Datasheet HTML 36Page - STMicroelectronics STA1095 Datasheet HTML 37Page - STMicroelectronics STA1095 Datasheet HTML 38Page - STMicroelectronics STA1095 Datasheet HTML 39Page - STMicroelectronics STA1095 Datasheet HTML 40Page - STMicroelectronics STA1095 Datasheet HTML 41Page - STMicroelectronics STA1095 Datasheet HTML 42Page - STMicroelectronics STA1095 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 127 page
background image
DS13319 Rev 2
39/127
STA108x, STA109x
Signal description
126
ETM_D11
GPIO11
GPIO101
GPIO132(1)
D9
H4
R15
O
VDD_IO ETM. TRACEDATA11.
ETM_D12
GPIO12
GPIO102
GPIO133(1)
B9
J1
T15
O
VDD_IO ETM. TRACEDATA12.
ETM_D13
GPIO16
GPIO30
GPIO134(1)
C9
M1
P15
O
VDD_IO ETM. TRACEDATA13.
ETM_D14
GPIO17
GPIO31
GPIO135(1)
D10
M4
U16
O
VDD_IO ETM. TRACEDATA14.
ETM_D15
GPIO19
GPIO33
GPIO136(1)
C10
M2
U17
O
VDD_IO ETM. TRACEDATA15.
ETM_D2
GPIO2
GPIO92
GPIO123(1)
C12
F3
T13
O
VDD_IO ETM. TRACEDATA2.
ETM_D3
GPIO3
GPIO93
GPIO124(1)
D12
F4
R13
O
VDD_IO ETM. TRACEDATA3.
ETM_D4
GPIO4
GPIO94
GPIO125(1)
C13
G1
P13
O
VDD_IO ETM. TRACEDATA4.
ETM_D5
GPIO5
GPIO95
GPIO126(1)
B13
G2
U14
O
VDD_IO ETM. TRACEDATA5.
ETM_D6
GPIO6
GPIO96
GPIO127(1)
E2
G3
T14
O
VDD_IO ETM. TRACEDATA6.
ETM_D7
GPIO7
GPIO97
GPIO128(1)
B10
G4
R14
O
VDD_IO ETM. TRACEDATA7.
ETM_D8
GPIO8
GPIO98
GPIO129(1)
A9
H1
P14
O
VDD_IO ETM. TRACEDATA8.
ETM_D9
GPIO9
GPIO99
GPIO130(1)
A8
H2
N14
O
VDD_IO ETM. TRACEDATA9.
FORCE_CS_HIGH
GPIO105
J4
O
VDD_IO
Test Signal.
It must be driven High when ETM is enabled, to
prevent conflict with NAND.
JTAG_TCK
T3
I
VDD_IO JTAG. Test clock.
Table 15. Debug signals (continued)
Name
GPIOs
Balls
DIR
Power
Domain
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More