データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPM13 データシート(PDF) 39 Page - STMicroelectronics

部品番号 STPM13
部品情報  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM13 データシート(HTML) 39 Page - STMicroelectronics

Back Button STPM13 Datasheet HTML 35Page - STMicroelectronics STPM13 Datasheet HTML 36Page - STMicroelectronics STPM13 Datasheet HTML 37Page - STMicroelectronics STPM13 Datasheet HTML 38Page - STMicroelectronics STPM13 Datasheet HTML 39Page - STMicroelectronics STPM13 Datasheet HTML 40Page - STMicroelectronics STPM13 Datasheet HTML 41Page - STMicroelectronics STPM13 Datasheet HTML 42Page - STMicroelectronics STPM13 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
STPM11, STPM12, STPM13, STPM14
STPM1x calibration
Doc ID 13167 Rev 8
39/46
Note:
STPM13/14: each current channel must be calibrated separately. In order to do this, follow
these steps:
Apply the nominal test voltage to the voltage sensor, and the nominal test current to the
primary current channel sensor. Do not apply such current on the secondary current
channel sensor.
Adjust the voltage and primary current calibrators (see above).
Disconnect the nominal test current from the primary current channel sensor, and apply it to
the secondary current channel sensor.
Adjust only the secondary current calibrators, so that the same power is computed.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46