データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EFS21-TL5 データシート(PDF) 7 Page - STMicroelectronics

部品番号 EFS21-TL5
部品情報  STARLIGHT-KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EFS21-TL5 データシート(HTML) 7 Page - STMicroelectronics

Back Button EFS21-TL5 Datasheet HTML 3Page - STMicroelectronics EFS21-TL5 Datasheet HTML 4Page - STMicroelectronics EFS21-TL5 Datasheet HTML 5Page - STMicroelectronics EFS21-TL5 Datasheet HTML 6Page - STMicroelectronics EFS21-TL5 Datasheet HTML 7Page - STMicroelectronics EFS21-TL5 Datasheet HTML 8Page - STMicroelectronics EFS21-TL5 Datasheet HTML 9Page - STMicroelectronics EFS21-TL5 Datasheet HTML 10Page - STMicroelectronics EFS21-TL5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
EFS
7/14
Present solutions work with a unidirectional
switch, like MOS transistors or GTO (Gate Turn
Off thyristor). As a starter is a bi-directional switch,
it is necessary to use a rectifier bridge (4 diodes of
1500V ). More, 2 or 3 diodes in series with the
GTO are required to get the necessary switch off
effect, and the whole is controlled with an analog
timer built around a small SCR.
The interest of a bi-directional switch arises itself:
a drastic reduction of the number of components,
and of course, a reduction of power losses (only 1
forward voltage instead of 5).
A lamp requires a minimum energy level to be ignited, but this energy depends especially on the lamp
temperature. The lower the temperature is, the more energetic the lamp strike is.
This energy stored in the ballast is directly proportional to the Switched Off current
IE
LI
SO
SO
(
.
)
=
2
2
.
In other words, the required energy and of course the ISO level, are maximum for the minimum
temperature. Results based on experiments show that it is necessary to switch off a current of 350 mA to
strike a 58W tube at -30
°C (with a voltage amplitude clamped at 1200V and starting aid).
Therefore, the best way to strike a tube independently of the temperature is to keep the maximum ISO level
for all the temperature range. Unfortunately, the solution is not so simple to implement because the energy
level at ambient or warm temperature would be much important: the lamp would be ignited, but the lamp
lifetime would be shortened. This is why one of the innovations of the ASD
™ is to modulate the striking
energy versus temperature (see feature hereafter).
3/ LAMP IGNITION FEATURE:
For freezing temperatures, the ISO level is maintained at 350 mA, and for positive temperatures, the ISO
level decreases slowly.
GTO
SCR
1500V
Conventional discrete circuit (minimal version)
A.S.D.
™ FEATURE
I.S.O.
350mA
200mA
Switched off current
versus ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14