| データシートサーチシステム |
|
STM32L443VCY6TR データシート(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443VCY6TR データシート(HTML) 95 Page - STMicroelectronics |
|
95 / 215 page ![]() DS11421 Rev 4 95/215 STM32L443CC STM32L443RC STM32L443VC Electrical characteristics 185 VPVM3 VDDA peripheral voltage monitoring Rising edge 1.61 1.65 1.69 V Falling edge 1.6 1.64 1.68 VPVM4 VDDA peripheral voltage monitoring Rising edge 1.78 1.82 1.86 V Falling edge 1.77 1.81 1.85 Vhyst_PVM3 PVM3 hysteresis - - 10 - mV Vhyst_PVM4 PVM4 hysteresis - - 10 - mV IDD (PVM1) (2) PVM1 consumption from VDD -- 0.2 - µA IDD (PVM3/PVM4) (2) PVM3 and PVM4 consumption from VDD -- 2 - µA 1. Continuous mode means Run/Sleep modes, or temperature sensor enable in Low-power run/Low-power sleep modes. 2. Guaranteed by design. 3. BOR0 is enabled in all modes (except shutdown) and its consumption is therefore included in the supply current characteristics tables. Table 23. Embedded reset and power control block characteristics (continued) Symbol Parameter Conditions(1) Min Typ Max Unit |