| データシートサーチシステム |
|
STM32L443VCU6 データシート(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443VCU6 データシート(HTML) 62 Page - STMicroelectronics |
|
62 / 215 page ![]() Pinouts and pin description STM32L443CC STM32L443RC STM32L443VC 62/215 DS11421 Rev 4 - - - --- 4 C2 PE5 I/O FT - TRACED2, TSC_G7_IO4, SAI1_SCK_A, EVENTOUT - - - - --- 5 D2 PE6 I/O FT - TRACED3, SAI1_SD_A, EVENTOUT RTC_TAMP3/ WKUP3 1 1 B6 B7 1 B2 6 E2 VBAT S - - - - 2 2 B7 B8 2 A2 7 C1 PC13 I/O FT (1) (2) EVENTOUT RTC_TAMP1/ RTC_TS/ RTC_OUT/ WKUP2 3 3 C7 C8 3 A1 8 D1 PC14- OSC32_I N (PC14) I/O FT (1) (2) EVENTOUT OSC32_IN 4 4 C6 C7 4 B1 9 E1 PC15- OSC32_ OUT (PC15) I/O FT (1) (2) EVENTOUT OSC32_OUT - - - --- 10 F2 VSS S - - - - - - - --- 11 G2 VDD S - - - - 5 5 D7 D85C112 F1 PH0- OSC_ IN (PH0) I/O FT - EVENTOUT OSC_IN 6 6 D6 D76D113 G1 PH1- OSC_OU T (PH1) I/O FT - EVENTOUT OSC_OUT 7 7 D5 D6 7 E1 14 H2 NRST I/O RST - - - - - - D5 8 E3 15 H1 PC0 I/O FT_fla - LPTIM1_IN1, I2C3_SCL, LPUART1_RX, LCD_SEG18, LPTIM2_IN1, EVENTOUT ADC1_IN1 - - - E8 9 E2 16 J2 PC1 I/O FT_fla - LPTIM1_OUT, I2C3_SDA, LPUART1_TX, LCD_SEG19, EVENTOUT ADC1_IN2 - - - E7 10 F2 17 J3 PC2 I/O FT_la - LPTIM1_IN2, SPI2_MISO, LCD_SEG20, EVENTOUT ADC1_IN3 - - E6 E6 11 G1 18 K2 PC3 I/O FT_a - LPTIM1_ETR, SPI2_MOSI, LCD_VLCD, SAI1_SD_A, LPTIM2_ETR, EVENTOUT ADC1_IN4 - - - --- 19 J1 VSSA S - - - - Table 14. STM32L443xx pin definitions (continued) Pin Number Pin functions Alternate functions Additional functions |