データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L443VCU7 データシート(PDF) 85 Page - STMicroelectronics

部品番号 STM32L443VCU7
部品情報  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 256KB Flash, 64KB SRAM, USB FS, LCD, analog, audio, AES
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L443VCU7 データシート(HTML) 85 Page - STMicroelectronics

Back Button STM32L443VCU7 Datasheet HTML 81Page - STMicroelectronics STM32L443VCU7 Datasheet HTML 82Page - STMicroelectronics STM32L443VCU7 Datasheet HTML 83Page - STMicroelectronics STM32L443VCU7 Datasheet HTML 84Page - STMicroelectronics STM32L443VCU7 Datasheet HTML 85Page - STMicroelectronics STM32L443VCU7 Datasheet HTML 86Page - STMicroelectronics STM32L443VCU7 Datasheet HTML 87Page - STMicroelectronics STM32L443VCU7 Datasheet HTML 88Page - STMicroelectronics STM32L443VCU7 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 215 page
background image
DS11421 Rev 4
85/215
STM32L443CC STM32L443RC STM32L443VC
Memory mapping
86
APB2
0x4001 5800 - 0x4001 FFFF
42 KB
Reserved
0x4001 5400 - 0x4000 57FF
1 KB
SAI1
0x4001 4800 - 0x4000 53FF
3 KB
Reserved
0x4001 4400 - 0x4001 47FF
1 KB
TIM16
0x4001 4000 - 0x4001 43FF
1 KB
TIM15
0x4001 3C00 - 0x4001 3FFF
1 KB
Reserved
0x4001 3800 - 0x4001 3BFF
1 KB
USART1
0x4001 3400 - 0x4001 37FF
1 KB
Reserved
0x4001 3000 - 0x4001 33FF
1 KB
SPI1
0x4001 2C00 - 0x4001 2FFF
1 KB
TIM1
APB2
0x4001 2800 - 0x4001 2BFF
1 KB
SDMMC1
0x4001 2000 - 0x4001 27FF
2 KB
Reserved
0x4001 1C00 - 0x4001 1FFF
1 KB
FIREWALL
0x4001 0800- 0x4001 1BFF
5 KB
Reserved
0x4001 0400 - 0x4001 07FF
1 KB
EXTI
0x4001 0200 - 0x4001 03FF
1 KB
COMP
0x4001 0030 - 0x4001 01FF
VREFBUF
0x4001 0000 - 0x4001 002F
SYSCFG
Table 17. STM32L443xx memory map and peripheral register boundary addresses(1)
(continued)
Bus
Boundary address
Size(bytes)
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More