| データシートサーチシステム |
|
STM32L443VCU7 データシート(PDF) 107 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443VCU7 データシート(HTML) 107 Page - STMicroelectronics |
|
107 / 215 page ![]() 1. Guaranteed by characterization results, unless otherwise specified. 2. LCD enabled with external voltage source. Consumption from VLCD excluded. Refer to LCD controller characteristics for IVLCD. 3. Guaranteed by test in production. 4. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors. 5. Wakeup with code execution from Flash. Average value given for a typical wakeup time as specified in Table 40: Low-power mode wakeup timings. |