| データシートサーチシステム |
|
STM32L443VCI7 データシート(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443VCI7 データシート(HTML) 69 Page - STMicroelectronics |
|
69 / 215 page ![]() DS11421 Rev 4 69/215 STM32L443CC STM32L443RC STM32L443VC Pinouts and pin description 86 -- - B3 52 B6 79 C10 PC11 I/OFT_l - SPI3_MISO, USART3_RX, TSC_G3_IO3, LCD_COM5/LCD_SEG29/ LCD_SEG41, SDMMC1_D3, EVENTOUT - - - - A3 53 C580B10 PC12 I/O FT_l - SPI3_MOSI, USART3_CK, TSC_G3_IO4, LCD_COM6/LCD_SEG30/ LCD_SEG42, SDMMC1_CK, EVENTOUT - - - - --- 81 C9 PD0 I/O FT - SPI2_NSS, CAN1_RX, EVENTOUT - - - - - - - 82 B9 PD1 I/O FT - SPI2_SCK, CAN1_TX, EVENTOUT - -- - A4 54 B5 83 C8 PD2 I/OFT_l - USART3_RTS_DE, TSC_SYNC, LCD_COM7/LCD_SEG31/ LCD_SEG43, SDMMC1_CMD, EVENTOUT - - - - - - - 84 B8 PD3 I/O FT - SPI2_MISO, USART2_CTS, QUADSPI_BK2_NCS, EVENTOUT - - - - - - - 85 B7 PD4 I/O FT - SPI2_MOSI, USART2_RTS_DE, QUADSPI_BK2_IO0, EVENTOUT - - - - - - - 86 A6 PD5 I/O FT - USART2_TX, QUADSPI_BK2_IO1, EVENTOUT - - - - - - - 87 B6 PD6 I/O FT - USART2_RX, QUADSPI_BK2_IO2, SAI1_SD_A, EVENTOUT - - - - - - - 88 A5 PD7 I/O FT - USART2_CK, QUADSPI_BK2_IO3, EVENTOUT - Table 14. STM32L443xx pin definitions (continued) Pin Number Pin functions Alternate functions Additional functions |