| データシートサーチシステム |
|
74LVC1G99DP データシート(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC1G99DP データシート(HTML) 7 Page - NXP Semiconductors |
|
7 / 26 page ![]() 74LVC1G99_1 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 01 — 3 January 2008 7 of 26 NXP Semiconductors 74LVC1G99 Ultra-configurable multiple function gate; 3-state 7.5 3-state AND/NOR functions available [1] H = HIGH voltage level; L = LOW voltage level. [1] H = HIGH voltage level; L = LOW voltage level. Table 9. Function table [1] See Figure 8. Number of inputs Function Input AND/NAND OR/NOR OE A B C D 2 3-state AND 3-state NOR L L input 1 input 2 L 2 3-state AND 3-state NOR L L input 2 input 1 L Fig 8. 3-state AND/NOR function 001aah329 OE input 1 input 2 Y OE input 1 input 2 Y Table 10. Function table [1] See Figure 9. Number of inputs Function Input AND/NAND OR/NOR OE A B C D 2 3-state AND 3-state NOR L input 2 L input 1 L 2 3-state AND 3-state NOR L H input 1 input 2 H Fig 9. 3-state AND/NOR function 001aah330 OE input 1 input 2 Y OE input 1 input 2 Y |