| データシートサーチシステム |
|
LP2997MX/NOPB.A データシート(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2997MX/NOPB.A データシート(HTML) 13 Page - Texas Instruments |
|
13 / 28 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 18-Jun-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LP2997MRX/NOPB SO PowerPAD DDA 8 2500 330.0 12.5 6.4 5.2 2.1 8.0 12.0 Q1 LP2997MRX/NOPBG4 SO PowerPAD DDA 8 2500 330.0 12.5 6.4 5.2 2.1 8.0 12.0 Q1 LP2997MX/NOPB SOIC D 8 2500 330.0 12.4 6.5 5.4 2.0 8.0 12.0 Q1 Pack Materials-Page 1 |