データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CML569491 データシート(PDF) 1 Page - Glamox

部品番号 CML569491
部品情報  CAMELEON-R60F WHIP54/20 800 HF 840 60°
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GLAMOX [Glamox]
ホームページ  https://www.glamox.com/
Logo GLAMOX - Glamox

CML569491 データシート(HTML) 1 Page - Glamox

  CML569491 Datasheet HTML 1Page - Glamox CML569491 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/2/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
CAMELEON-R60F WH
IP54/20 800 HF 840 60°
Item No.
CML569491
GTIN
5901155694913
Stock status code
C
Technical specifications
Mounting
Product Mounting
Ceiling recessed
General
Product shape
Round
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
7
IEC Protection Class
II
Number Of Luminaire MCB 10B
17
Number Of Luminaire MCB 16B
27
Number Of Luminaire MCB 16C
45
Number Of Luminaire MCB 20C
56
Number Of Luminaire MCB 25C
70
Optic
Beam Angle (°)
60
Diffuser Material
Tempered glass
Diffuser Material Design
Clear
Reflector Colour
Silver Faceted
Reflector Material
Plastic
Special
Tilt Angle
0
Certificates
Certification
ENEC;HACCP;PZH
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
25
IK classification
05
IP classification
54 from underneath \ 20 from above
Light Technical Data
Light source
LED
Lumen Out (lm)
800
Lumen Per Watt (lm/W)
114,29
Lamp colour temp (K)
4000
Colour Rendering Index
>80
MacAdam step
3
Light Source Included
true
Dimmable
false
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Number of Driver
1
Lifetime
LED Lifetime L70B50 Ta25 (h)
>100 000
LED Lifetime L80B50 Ta25 (h)
>100 000
LED Lifetime L90B50 Ta25 (h)
70 000
Housing
Body Material
Steel
Body Colour
WH - White
Main Body Colour Name
Traffic white
Main Body Colour RAL code
RAL 9016
Dimensions
Height (mm)
75
Diameter (mm)
80
Cut out (mm)
60
Item Net Weight (kg)
0.31924
Minimum Height Above Ceiling
100
Logistic Data
Item Gross Weight (kg)
0.347


同様の部品番号 - CML569491

メーカー部品番号データシート部品情報
logo
Glamox
CML569495 GLAMOX-CML569495 Datasheet
265Kb / 2P
CAMELEON-R95A WH IP201500 DALI 830 24°
More results

同様の説明 - CML569491

メーカー部品番号データシート部品情報
logo
Solid States Devices, I...
SDR627-59 SSDI-SDR627-59 Datasheet
317Kb / 2P
20 AMP 700-800 VOLTS 60 nsec ULTRA FAST RECTIFIER
SDR627CT-28 SSDI-SDR627CT-28 Datasheet
222Kb / 2P
20 AMP 700 -800 VOLTS 60 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR627G SSDI-SDR627G Datasheet
312Kb / 2P
20 AMP 700-800 VOLTS 60 nsec ULTRA FAST RECTIFIER
logo
Harris Corporation
RF-5800H-V006 HARRIS-RF-5800H-V006 Datasheet
244Kb / 2P
20 WATT HF/VHF VEHICULAR ADAPTER
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332005 ADELS-332005 Datasheet
111Kb / 1P
GSK 840 V/ 5
332102 ADELS-332102 Datasheet
120Kb / 1P
GSK 840 VO/ 2
332105 ADELS-332105 Datasheet
111Kb / 1P
GSK 840 VO/ 5
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
332404 ADELS-332404 Datasheet
111Kb / 1P
GSK 840 H/ 4
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com