データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CML569495 データシート(PDF) 1 Page - Glamox

部品番号 CML569495
部品情報  CAMELEON-R95A WH IP201500 DALI 830 24°
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GLAMOX [Glamox]
ホームページ  https://www.glamox.com/
Logo GLAMOX - Glamox

CML569495 データシート(HTML) 1 Page - Glamox

  CML569495 Datasheet HTML 1Page - Glamox CML569495 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/2/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
CAMELEON-R95A WH IP20
1500 DALI 830 24°
Item No.
CML569495
GTIN
5901155694951
Stock status code
M
Technical specifications
Mounting
Product Mounting
Ceiling recessed
General
Product shape
Round
LMS System
Number of DALI addresses
1
LMS Protocol
DALI
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
12
IEC Protection Class
II
Number Of Luminaire MCB 10B
31
Number Of Luminaire MCB 16B
50
Number Of Luminaire MCB 16C
85
Number Of Luminaire MCB 20C
104
Number Of Luminaire MCB 25C
130
Optic
Beam Angle (°)
24
Diffuser Material
Tempered glass
Diffuser Material Design
Clear
Reflector Colour
Silver Faceted
Reflector Material
Plastic
Special
TILT Sector
Oprawa uchylna
Tilt Angle
15
Certificates
Certification
ENEC;HACCP;PZH
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
25
IK classification
06
IP classification
20
Light Technical Data
Light source
LED
Lumen Out (lm)
1500
Lumen Per Watt (lm/W)
125
Lamp colour temp (K)
3000
Colour Rendering Index
>80
MacAdam step
3
Minimum Dim Level (%)
1
Light Source Included
true
Dimmable
true
Driver / Ballast
Type of LED Driver
DALI: Dimming
Number of Driver
1
Lifetime
LED Lifetime L70B50 Ta25 (h)
>100 000
LED Lifetime L80B50 Ta25 (h)
>100 000
LED Lifetime L90B50 Ta25 (h)
70 000
Housing
Body Material
Steel
Body Colour
WH - White
Main Body Colour Name
Traffic white
Main Body Colour RAL code
RAL 9016
Dimensions
Height (mm)
88
Diameter (mm)
110
Cut out (mm)
95
Item Net Weight (kg)
1.1776
Minimum Height Above Ceiling
150
Logistic Data
Item Gross Weight (kg)
1.28


同様の部品番号 - CML569495

メーカー部品番号データシート部品情報
logo
Glamox
CML569491 GLAMOX-CML569491 Datasheet
162Kb / 2P
CAMELEON-R60F WHIP54/20 800 HF 840 60°
More results

同様の説明 - CML569495

メーカー部品番号データシート部品情報
logo
TRIAD MAGNETICS
VPP24-830 TRIAD-VPP24-830 Datasheet
46Kb / 1P
VPP24-830
logo
Adels-Contact
326002 ADELS-326002 Datasheet
120Kb / 1P
GSK 830 V/ 2
326003 ADELS-326003 Datasheet
120Kb / 1P
GSK 830 V/ 3
326005 ADELS-326005 Datasheet
111Kb / 1P
GSK 830 V/ 5
326406 ADELS-326406 Datasheet
111Kb / 1P
GSK 830 H/ 6
logo
LinkCom Manufacturing C...
DAL035N241PON0-00G LINKCOM-DAL035N241PON0-00G Datasheet
225Kb / 3P
DALI System Master
logo
WAGO Kontakttechnik Gmb...
753-647 WAGO-753-647 Datasheet
539Kb / 13P
DALI Multi-Master
750-641 WAGO-750-641 Datasheet
494Kb / 11P
DALI/DSI Master
logo
Mean Well Enterprises C...
DLC-02 MEANWELL-DLC-02 Datasheet
1Mb / 6P
DALI Controller/DALI Gateway
DLC-02-KN MEANWELL-DLC-02-KN Datasheet
992Kb / 7P
KNX-DALI Gateway
2022-11-04
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com