データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CML569921 データシート(PDF) 1 Page - Glamox

部品番号 CML569921
部品情報  CAMELEON-R95A WH IP201500 HF 840 38°
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GLAMOX [Glamox]
ホームページ  https://www.glamox.com/
Logo GLAMOX - Glamox

CML569921 データシート(HTML) 1 Page - Glamox

  CML569921 Datasheet HTML 1Page - Glamox CML569921 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/2/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
CAMELEON-R95A WH IP20
1500 HF 840 38°
Item No.
CML569921
GTIN
5901155699215
Stock status code
M
Technical specifications
Mounting
Product Mounting
Ceiling recessed
General
Product shape
Round
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
12
IEC Protection Class
II
Number Of Luminaire MCB 10B
31
Number Of Luminaire MCB 16B
50
Number Of Luminaire MCB 16C
85
Number Of Luminaire MCB 20C
104
Number Of Luminaire MCB 25C
130
Optic
Beam Angle (°)
38
Diffuser Material
Tempered glass
Diffuser Material Design
Clear
Reflector Colour
Silver Faceted
Reflector Material
Plastic
Special
TILT Sector
Oprawa uchylna
Tilt Angle
15
Certificates
Certification
ENEC;HACCP;PZH
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
25
IK classification
06
IP classification
20
Light Technical Data
Light source
LED
Lumen Out (lm)
1500
Lumen Per Watt (lm/W)
125
Lamp colour temp (K)
4000
Colour Rendering Index
>80
MacAdam step
3
Light Source Included
true
Dimmable
false
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Number of Driver
1
Lifetime
LED Lifetime L70B50 Ta25 (h)
>100 000
LED Lifetime L80B50 Ta25 (h)
>100 000
LED Lifetime L90B50 Ta25 (h)
70 000
Housing
Body Material
Steel
Body Colour
WH - White
Main Body Colour Name
Traffic white
Main Body Colour RAL code
RAL 9016
Dimensions
Height (mm)
88
Diameter (mm)
110
Cut out (mm)
95
Item Net Weight (kg)
1.1776
Minimum Height Above Ceiling
150
Logistic Data
Item Gross Weight (kg)
1.28


同様の部品番号 - CML569921

メーカー部品番号データシート部品情報
logo
Glamox
CML569470 GLAMOX-CML569470 Datasheet
300Kb / 3P
CAMELEON-R65A WH IP20800 DALI 830 60°
CML569471 GLAMOX-CML569471 Datasheet
313Kb / 2P
CAMELEON-R65A WH IP20800 DALI 830 24°
CML569478 GLAMOX-CML569478 Datasheet
292Kb / 3P
CAMELEON-R65A WH IP20800 HF 830 38°
CML569491 GLAMOX-CML569491 Datasheet
162Kb / 2P
CAMELEON-R60F WHIP54/20 800 HF 840 60°
CML569495 GLAMOX-CML569495 Datasheet
265Kb / 2P
CAMELEON-R95A WH IP201500 DALI 830 24°
More results

同様の説明 - CML569921

メーカー部品番号データシート部品情報
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332005 ADELS-332005 Datasheet
111Kb / 1P
GSK 840 V/ 5
332102 ADELS-332102 Datasheet
120Kb / 1P
GSK 840 VO/ 2
332103 ADELS-332103 Datasheet
121Kb / 1P
GSK 840 VO/ 3
332104 ADELS-332104 Datasheet
122Kb / 1P
GSK 840 VO/ 4
332105 ADELS-332105 Datasheet
111Kb / 1P
GSK 840 VO/ 5
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
332403 ADELS-332403 Datasheet
120Kb / 1P
GSK 840 H/ 3
332404 ADELS-332404 Datasheet
111Kb / 1P
GSK 840 H/ 4
332405 ADELS-332405 Datasheet
111Kb / 1P
GSK 840 H/ 5
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com