データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DTV16F データシート(PDF) 4 Page - STMicroelectronics

部品番号 DTV16F
部品情報  CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV16F データシート(HTML) 4 Page - STMicroelectronics

  DTV16F Datasheet HTML 1Page - STMicroelectronics DTV16F Datasheet HTML 2Page - STMicroelectronics DTV16F Datasheet HTML 3Page - STMicroelectronics DTV16F Datasheet HTML 4Page - STMicroelectronics DTV16F Datasheet HTML 5Page - STMicroelectronics DTV16F Datasheet HTML 6Page - STMicroelectronics DTV16F Datasheet HTML 7Page - STMicroelectronics DTV16F Datasheet HTML 8Page - STMicroelectronics DTV16F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
02468
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
PF(av)(W)
Ip(A)
DTV16
DTV110
Fig. 1-1: Power dissipation versus peak forward
current (triangular waveform,
δ=0.45).
0123456
0.0
0.5
1.0
1.5
2.0
PF(av)(W)
Ip(A)
DTV64
DTV82
Fig. 1-3: Power dissipation versus peak forward
current (triangular waveform,
δ=0.45).
0123456
0.0
0.5
1.0
1.5
2.0
PF(av)(W)
Ip(A)
DTV56
DTV32
Fig. 1-2: Power dissipation versus peak forward
current (triangular waveform,
δ=0.45).
0
25
50
75
100
125
150
0
2
4
6
8
10
12
IF(av)(A)
DTV110
DTV56
DTV32
DTV16
DTV64
DTV82
Tcase(°C)
T
δ=tp/T
tp
Fig. 2-1: Average current versus case temperature
(
δ=0.5) (TO-220AC).
0
25
50
75
100
125
150
0
2
4
6
8
10
12
IF(av)(A)
DTV110
DTV56
DTV32
DTV64
DTV82
DTV16
Tcase(°C)
T
δ=tp/T
tp
Fig. 2-2: Average current versus case temperature
(
δ=0.5) (ISOWATT220AC).
DTVseries
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10