| データシートサーチシステム |
|
M41T83SM6F データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T83SM6F データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 64 page ![]() DocID012578 Rev 19 15/64 M41T82, M41T83 Operation 2.2 Read mode In this mode the master reads the M41T8x slave after setting the slave address (see Figure 13 on page 16 ). Following the WRITE mode control bit (R/W = 0) and the acknowledge bit, the word address 'An' is written to the on-chip address pointer. Next the START condition and slave address are repeated followed by the READ mode control bit (R/W = 1). At this point the master transmitter becomes the master receiver. The data byte which was addressed will be transmitted and the master receiver will send an acknowledge bit to the slave transmitter. The address pointer is only incremented on reception of an acknowledge clock. The M41T8x slave transmitter will now place the data byte at address An+1 on the bus, the master receiver reads and acknowledges the new byte and the address pointer is incremented to An+2. This cycle of reading consecutive addresses will continue until the master receiver sends a STOP condition to the slave transmitter. Most of the registers and memory locations are accessed directly, but the RTC counters are accessed via a set of buffer/transfer registers at addresses 00h to 07h. The counters are not directly read nor written. Instead, at the start of a read or write cycle, the counters are copied into the eight buffer/transfer registers so that the user can read them out sequentially, receiving a coherent set of data, copied from the same instant in time. An alternate READ mode may also be implemented whereby the master reads the M41T8x slave without first writing to the (volatile) address pointer. The first address that is read is the last one stored in the pointer (see Figure 14 on page 16). Figure 12. Slave address location AI00602 R/W SLAVE ADDRESS START A 0 1 0 0 0 1 1 |