データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F031X6 データシート(PDF) 22 Page - STMicroelectronics

部品番号 STM32F031X6
部品情報  ARM®-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F031X6 データシート(HTML) 22 Page - STMicroelectronics

Back Button STM32F031X6 Datasheet HTML 18Page - STMicroelectronics STM32F031X6 Datasheet HTML 19Page - STMicroelectronics STM32F031X6 Datasheet HTML 20Page - STMicroelectronics STM32F031X6 Datasheet HTML 21Page - STMicroelectronics STM32F031X6 Datasheet HTML 22Page - STMicroelectronics STM32F031X6 Datasheet HTML 23Page - STMicroelectronics STM32F031X6 Datasheet HTML 24Page - STMicroelectronics STM32F031X6 Datasheet HTML 25Page - STMicroelectronics STM32F031X6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 106 page
background image
Functional overview
STM32F031x4 STM32F031x6
22/106
DocID025743 Rev 6
3.16
Serial wire debug port (SW-DP)
An ARM SW-DP interface is provided to allow a serial wire debugging tool to be connected
to the MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More