| データシートサーチシステム |
|
MSP430F2002IPWR データシート(PDF) 65 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430F2002IPWR データシート(HTML) 65 Page - Texas Instruments |
|
65 / 102 page ![]() LFXT1 off P2SEL.6 Bus Keeper EN Direction 0: Input 1: Output P2SEL.7 1 0 P2DIR.7 P2IN.7 P2IRQ.7 D EN Module X IN 1 0 Module X OUT P2OUT.7 Interrupt Edge Select Q EN Set P2SEL.7 P2IES.7 P2IFG.7 P2IE.7 P2.7/XOUT 1 0 DVSS DVCC P2REN.7 Pad Logic LFXT1 Oscillator BCSCTL3.LFXT1Sx = 11 0 1 1 LFXT1CLK From P2.6/XIN P2.6/XIN/TA1 MSP430F20x3 MSP430F20x2 MSP430F20x1 www.ti.com SLAS491I – AUGUST 2005 – REVISED DECEMBER 2012 Port P2 (P2.7) Pin Schematics, MSP430F20x2 Table 27. Port P2 (P2.7) Pin Functions, MSP430F20x2 CONTROL BITS / SIGNALS PIN NAME (P2.x) x FUNCTION P2DIR.x P2SEL.x P2.7 input/output 0/1 0 P2.7/XOUT 7 DVSS 0 1 XOUT(1)(2) 1 1 (1) Default after reset (PUC/POR) (2) If the pin P2.7/XOUT is used as an input a current can flow until P2SEL.7 is cleared due to the oscillator output driver connection to this pin after reset. Copyright © 2005–2012, Texas Instruments Incorporated Submit Documentation Feedback 65 |