| データシートサーチシステム |
|
MF-PSHT データシート(PDF) 5 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-PSHT データシート(HTML) 5 Page - Bourns Electronic Solutions |
|
5 / 7 page ![]() Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. T COVER TAPE B1 K 0 T1 D0 P 2 P 0 E1 F E2 W B0 P1 A 0 185 (7.28) MAX. 14.4 (.567) MAX. 50 (1.97) DIA. MIN. (MEASURED AT HUB) 8.4 +1.5/-0 (.331 +.059/-0) (MEASURED AT HUB) MF-PSHT Series Tape and Reel Specifications Tape Dimensions MF-PSHT Series per EIA-481 W 8.0 ± 0.30 (.315 ± .012) P0 4.0 ± 0.10 (.157 ± .004) 10 P0 40 ± 0.20 (1.575 ± .008) P1 4.0 ± 0.10 (.157 ± .004) P2 2.0 ± 0.05 (.079 ± .002) A0 1.70 ± 0.10 (.067 ± .004) B0 2.45 ± 0.10 (.096 ± .004) B1 max. 4.35 (.171) D0 1.5 +0.10/-0 (.059 +.004/-0) F 3.5 ± 0.05 (.138 ± .002) E1 1.75 ± 0.10 (.069 ± .004) E2 typ. 6.25 (.246) T max. 0.6 (.024) T1 max. 0.1 (.004) K0 (MF-PSHT005KX~MF-PSHT016KX) 0.95 ± 0.10 (.037 ± .004) K0 (MF-PSHT020KX~MF-PSHT050KX) 1.21 ± 0.10 (.048 ± .004) Leader min. 390 (15.35) Trailer min. 160 (6.30) DIMENSIONS: MM (INCHES) MF-PSHT SERIES, REV. J 02/23 |