| データシートサーチシステム |
|
MF-RX データシート(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-RX データシート(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 8 page ![]() MF-RX/72 Series - PTC Resettable Fuses Thermal Derating Table - Ihold (Amps) Model Ambient Operating Temperature -40 °C -20 °C 0 °C 23 °C 40 °C 50 °C 60 °C 70 °C 85 °C MF-RX020/72 0.31 0.27 0.24 0.20 0.16 0.14 0.13 0.11 0.08 MF-RX025/72 0.39 0.34 0.30 0.25 0.20 0.18 0.16 0.14 0.10 MF-RX030/72 0.47 0.41 0.36 0.30 0.24 0.22 0.19 0.16 0.12 MF-RX040/72 0.62 0.54 0.48 0.40 0.32 0.29 0.25 0.22 0.16 MF-RX050/72 0.78 0.68 0.60 0.50 0.41 0.36 0.32 0.27 0.20 MF-RX065/72 1.01 0.88 0.77 0.65 0.53 0.47 0.41 0.35 0.26 MF-RX075/72 1.16 1.02 0.89 0.75 0.61 0.54 0.47 0.41 0.30 MF-RX090/72 1.40 1.22 1.07 0.90 0.73 0.65 0.57 0.49 0.36 MF-RX110/72 1.71 1.50 1.31 1.10 0.89 0.79 0.69 0.59 0.44 MF-RX135/72 2.09 1.84 1.61 1.35 1.09 0.97 0.85 0.73 0.54 MF-RX160/72 2.48 2.18 1.90 1.60 1.30 1.15 1.01 0.86 0.64 MF-RX185/72 2.87 2.52 2.20 1.85 1.50 1.33 1.17 1.00 0.74 MF-RX250/72 3.88 3.40 2.98 2.50 2.03 1.80 1.58 1.35 1.00 MF-RX300/72 4.65 4.08 3.57 3.00 2.43 2.16 1.89 1.62 1.20 MF-RX375/72 5.81 5.10 4.46 3.75 3.04 2.70 2.36 2.03 1.50 Itrip is approximately two times Ihold. Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. Packaging Quantity Packaging options Models Unit Quantity (Pcs.) Unit Bulk All models 500 Bag Tape & Reel MF-RX020/72 ~ MF-RX090/72 3000 Reel MF-RX110/72 ~ MF-RX160/72 1500 MF-RX185/72 ~ MF-RX375/72 1000 Ammo-Pack MF-RX020/72 ~ MF-RX090/72 2000 Pack MF-RX110/72 ~ MF-RX160/72 1000 MF-RX185/72 ~ MF-RX375/72 500 How to Order MF - RX 110/72 - 2 - 14 Multifuse® Product Designator Series RX = Radial Leaded Component Hold Current, Ihold 020-375 (0.20 A - 3.75 A) Maximum Voltage, Vmax 72 (72 Volts) Packaging Options - 0 = Bulk Packaging - 2 = Tape and Reel* - AP = Ammo-Pak* Part Number Suffix Option - 14 = Kinked Leads in Place of Standard Straight Leads - 17 = Straight Leads in Place of Standard Kinked Leads *Packaged per EIA-468 |