| データシートサーチシステム |
|
W0805R-RDI データシート(PDF) 2 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
W0805R-RDI データシート(HTML) 2 Page - TT Electronics. |
|
2 / 3 page ![]() Precision Thin Film Chip Resistors PFC Commercial Series IRC Advanced Film Division PFC Series Issue August 2011 Sheet 2 of 4 • Corpus Christi Texas 78411 USA © IRC Advanced Film Division Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com Precision Thin Film Chip Resistors Manufacturing Capabilities Data ±5%, ±2%, ±1%, ±0.5%, ±0.1% ±5%, ±2%, ±1%, ±0.5%, ±0.1%, ±0.05%, ±0.02% ±25 ppm/°C ±50 or ±100 ppm/°C W1206 5 Ω 10 Ω 50 Ω 100 Ω 200 Ω 400K Ω 650K Ω 1.0M Ω W0805 5 Ω 10 Ω 50 Ω 100 Ω 200 Ω 100K Ω 180K Ω 267K Ω ±5%, ±2%, ±1%, ±0.5%, ±0.1%, ±0.05% Resistance Range ±15 ppm/°C ±10 ppm/°C 30K W0402 50 Ω W0603 5 Ω 10 Ω 50 Ω 100 Ω 200 Ω 50K Ω 75K Ω 100K Ω Tolerance Resistance Range TCR TCR Tolerance ±25, ±50 or ±100 ppm/°C Ω IRC Advanced Film Division PFC Series Issue August 2011 Sheet 4 of 4 • Corpus Christi Texas 78411 USA © IRC Advanced Film Division Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com L a W H b TO P SIDE BOTTOM Model L W H a b W0402 W0603 0.04 ±0.003 (1.02 ±0.07) 0.021 ±0.005 (0.53 ±0.12) 0.012 ±0.003 (0.3 ±0.08) 0.02 ±0.004 (0.51 ±0.11) 0.02 ±0.006 (0.51 ±0.14) 0.024 ±0.006 (0.61 ±0.16) 0.008 -0.004, +0.008 (0.2 -0.1/+0.2) 0.012 ±0.008 (0.3 ±0.2) 0.015 ±0.009 (0.38 ±0.23) 0.025 ±0.017 (0.64 ±0.44) 0.01 ±0.006 (0.25 ±0.15) 0.015 ±0.009 (0.38 ±0.23) 0.016 ±0.008 (0.41 ±0.21) 0.025 ±0.017 (0.64 ±0.44) 0.031 ±0.004 (0.79 ±0.11) 0.05 ±0.007 (1.27 ±0.18) 0.063 ±0.004 (1.6 ±0.1) 0.063 ±0.004 (1.6 ±0.1) 0.081 ±0.006 (2.06 ±0.16) 0.126 ±0.008 (3.2 ±0.2) W0805 W1206 Physical Data IRC’s PFC chip resistors are available with MIL screening. These chips are manufactured on the same production line as our Mil- qualified chip resistors and screened in accordance with MIL-PRF-55342. These chips are identified with IRC’s ordering information and not with MIL marking. MIL Screened Precision Chip Resistors Precision Thin Film Chip Resistors 10.18 General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. © TT Electronics plc www.ttelectronics.com/resistors BI Technologies IRC Welwyn TCR ppm/°C Tolerance 0.1% to 5% W0402 W0603 W0805 W1206 10 100Ω-16kΩ 100Ω-50kΩ 100Ω-100kΩ 100Ω-400kΩ 15 50Ω-16kΩ 50Ω-50kΩ 50Ω-100kΩ 50Ω-400kΩ 25 15Ω-30kΩ 10Ω-100kΩ 10Ω-267kΩ 10Ω-1MΩ 50, 100 15Ω-30kΩ 5Ω-100kΩ 5Ω-267kΩ 5Ω-1MΩ For PCB mounting pad recommendations see http://www.ttelectronics.com/sites/default/files/resistors/TN006%20-%20Recommended%20Layouts%20for%20SMD%20Resistors.pdf Marking The 0402 chips are not marked. 3 digit marking is used on the 0603 size and 4 digit marking on larger sizes and E96 values. Special Variants For PFC resistors with tighter tolerances, SnPb terminations or MIL screening, refer to the separate PFC Special Series datasheet. Construction Conductors and tantalum nitride resistive element are applied to an alumina substrate. The product is laser trimmed to value, and a protective black epoxy coat is applied. The product is then metallized and plated to provide a wrap-around solderable termination with a 100% matte tin finish on a nickel barrier layer. It is 100% tested and provided on standard paper carrier tape. Power Derating Curve PFC Series Datasheet Changes • Title in P1 and header: change from PFC Series to PFC Special Series • Manufacturing Capabilities Data: replace figure with the following table: TCR ppm/°C Tolerance % W0402 W0603 W0805 W1206 0.02 0.05 0.1-5 0.02 0.05 0.1-5 0.02 0.05 0.1-5 0.02 0.05 0.1-5 10 100Ω-16kΩ 100Ω-16kΩ1 100Ω-50kΩ 100Ω-50kΩ1 100Ω-100kΩ 100Ω-100kΩ1 100Ω-400kΩ 100Ω-400kΩ1 15 50Ω-16kΩ 50Ω-16kΩ1 50Ω-50kΩ 50Ω-50kΩ1 50Ω-100kΩ 50Ω-100kΩ1 50Ω-400kΩ 50Ω-400kΩ1 25 50Ω- 16kΩ 10Ω- 24kΩ 10Ω-30kΩ2 50Ω- 50kΩ 10Ω- 75kΩ 10Ω-100kΩ1 50Ω- 100kΩ 10Ω- 180kΩ 10Ω-267kΩ1 50Ω- 400kΩ 10Ω- 650kΩ 10Ω-1MΩ1 50, 100 7.5Ω-30kΩ2 5Ω-100kΩ1 5Ω-267kΩ1 5Ω-1MΩ1 Notes 1. For Pb-free, unscreened PFC chips see separate PFC Commercial Series datasheet 2. For Pb-free, unscreened PFC chips at values ≥15R see separate PFC Commercial Series datasheet • Replace power derating curve with standard format graph below: • MIL Screened Precision Chip Resistors: Delete line break after MIL-PRF-55342. • MIL Screened Precision Chip Resistors: Add See separate MIL-CHIP datasheet. • Ordering Procedure USA (IRC) Mil Screened - footnote: Change Please refer to PFC Military datasheet…. to Please refer to MIL-CHIP datasheet…. END |