| データシートサーチシステム |
|
OPA4313IPWR データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OPA4313IPWR データシート(HTML) 2 Page - Texas Instruments |
|
2 / 46 page ![]() OPA313 OPA2313 OPA4313 SBOS649C – SEPTEMBER 2012 – REVISED MARCH 2013 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGE INFORMATION(1) PACKAGE SPECIFIED PRODUCT PACKAGE-LEAD DESIGNATOR TEMPERATURE RANGE PACKAGE MARKING SC70-5 DCK –40°C to +125°C SIE OPA313 SOT23-5 DBV –40°C to +125°C SIF SO-8 D –40°C to +125°C OP2313 OPA2313 MSOP-8 DGK –40°C to +125°C OUSS DFN-8 DRG –40°C to +125°C SDY OPA4313 TSSOP-14 PW –40°C to +125°C OPA4313 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the device product folder at www.ti.com. ABSOLUTE MAXIMUM RATINGS (1) Over operating free-air temperature range, unless otherwise noted. OPA313, OPA2313, OPA4313 UNIT Supply voltage 7 V Voltage(2) (V–) – 0.5 to (V+) + 0.5 V Signal input terminals Current(2) ±10 mA Output short-circuit(3) Continuous mA Operating temperature, TA –40 to +150 °C Storage temperature, Tstg –65 to +150 °C Junction temperature, TJ +150 °C Human body model (HBM) 4000 V ESD rating Charged device model (CDM) 1000 V Machine model (MM) 200 V (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not supported. (2) Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails should be current limited to 10 mA or less. (3) Short-circuit to ground, one amplifier per package. 2 Submit Documentation Feedback Copyright © 2012–2013, Texas Instruments Incorporated Product Folder Links: OPA313 OPA2313 OPA4313 |