| データシートサーチシステム |
|
PWC2512AS-RDT1 データシート(PDF) 3 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
PWC2512AS-RDT1 データシート(HTML) 3 Page - TT Electronics. |
|
3 / 4 page ![]() Single Impulse The single impulse graph is the result of 50 impulses of rectangular shape applied at one minute intervals. The limit of acceptance was a shift in resistance of less than 1% from the initial value. Continuous Load Due to Repetitive Pulses The continuous load graph was obtained by applying repetitive rectangular pulses where the pulse period was adjusted so that the average power dissipated in the resistor was equal to its rated power at 70°C. Again the limit of acceptance was a shift in resistance of less than 1% from the initial value Pulse Withstanding Chip Resistors PWC Series 2512 2010 1206 0805 0603 2512 2010 1206 0805 0603 09.18 General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. © TT Electronics plc www.ttelectronics.com/resistors BI Technologies IRC Welwyn |