データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMELH5050S-R22MT データシート(PDF) 4 Page - Abracon Corporation

部品番号 AMELH5050S-R22MT
部品情報  Flat Wire / Hot Pressed Molded Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABRACON [Abracon Corporation]
ホームページ  https://abracon.com
Logo ABRACON - Abracon Corporation

AMELH5050S-R22MT データシート(HTML) 4 Page - Abracon Corporation

  AMELH5050S-R22MT Datasheet HTML 1Page - Abracon Corporation AMELH5050S-R22MT Datasheet HTML 2Page - Abracon Corporation AMELH5050S-R22MT Datasheet HTML 3Page - Abracon Corporation AMELH5050S-R22MT Datasheet HTML 4Page - Abracon Corporation AMELH5050S-R22MT Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Flat Wire / Hot Pressed Molded Power Inductor
AMELH5050S
5.5 x 5.3 x 4.8 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
6/18/2025
12117 Bee Caves Rd, Bldg-3, Suite 200
Bee Cave, TX 78738
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Ref. Solder paste: Sn/3.0Ag/0.5Cu (Pb-free assembly)
Ramp up rate: 3°C/s Max.
Ramp down rate: 6°C/s Max.
Time from 25C to Tp: 8mins Max
Refer to standard IPC/JEDEC J-STD-020E for more information
Zone
Description
Temperature
Times
1
Preheat
TSMIN ~ TSMAX
150°C ~ 200°C
60 ~ 120 sec.
2
Reflow
TL
217°C
60 ~ 150 sec.
3
Peak heat
TP
250°C±5°C
10 sec. MAX
Reflow Profile



Html Pages

1 2 3 4 5