| データシートサーチシステム |
|
L99MH98 データシート(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99MH98 データシート(HTML) 95 Page - STMicroelectronics |
|
95 / 147 page ![]() Bit Name Description 5 0000 = 0.625 μs 0001 = 1 μs 0010 = 1.25 μs 0011 = 1.5 μs 0100 = 2 μs 0101 = 3 μs 0110 = 4 μs 0111 = 5 μs 1000 = 6 μs 1001 = 7 μs 1010 = 8 μs 1x11 = 0.625 μs VDS_BLANK3 [2] 4 VDS_BLANK3 [1] 3 VDS_BLANK3 [0] 2 VDS_FILT3 [2] Vds filtering time configuration of the HB3 000 = 0.5 μs 001 = 1 μs 010 = 2 μs 011 = 3 μs 100 = 4 μs 101 = 5 μs 110 = 6 μs 111 = 0.5 μs 1 VDS_FILT3 [1] 0 VDS_FILT3 [0] Table 143. HB3_TURN_OFF_CFG (0x1B) MSB Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 0 (RO) 0 (RO) 0 (RO) 0 (RO) 0 (RO) 0 (RW) 0 (RW) RES RES RES RES RES GENMODE3 [1] GENMODE3 [0] Reserved Reserved Reserved Reserved Reserved GENMODE bit conf [1] GENMODE bit conf [0] Table 144. HB3_TURN_OFF_CFG (0x1B) MSB description Bit Name Description 14 RES Reserved bit 13 RES Reserved bit 12 RES Reserved bit 11 RES Reserved bit 10 RES Reserved bit 9 GENMODE3 [1] HB3 Gate driver actions when a VDH overvoltage is detected: 00 = Gate driver off 01 = HS off, LS on to lock the motor 10 = Flag only 11 = Gate driver off 8 GENMODE3 [0] L99MH98 SPI Registers DS14611 - Rev 3 page 95/147 |