| データシートサーチシステム |
|
L99MH98 データシート(PDF) 137 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99MH98 データシート(HTML) 137 Page - STMicroelectronics |
|
137 / 147 page ![]() Revision history Table 232. Document revision history Date Version Changes 03-May-2024 1 Initial release. 04-Jun-2024 2 Updated: • Section 3.2.6: Power-up sequence; • Figure 19. Full-bridge drain source monitoring diagnosis; • Figure 20. Simplified block diagram with one DC motor controlled by two half-bridges; • Figure 21. One motor in normal conditions, Ishx_PU HB1/HB2 OFF with normal load; • Figure 22. One motor in normal conditions with one pull-up diagnostic current on - Configuration 2; • Figure 23. One motor in normal conditions with one pull-up diagnostic current on - Configuration 3; • Figure 24. Short circuit to VDH; • Figure 25. Short circuit to GND; • Figure 26. One motor - Diagnostic results with an open load at SH1; • Figure 27. One motor - Diagnostic results with an open load at SH2; • Figure 28. Seven cascaded DC motors summary of the off-state diagnostic; • Figure 29. Two cascaded DC motors summary of the off-state diagnostic; • Table 31. Differentiation between normal condition, short to VDH, short to GND and open load with two motors. Minor text changes in Table 2. Absolute maximum ratings. 28-Oct-2024 3 Updated: • Section Device summary; • Table 9. DIAGN outputs; • Table 155. HB4_DIAG_CFG (0x1E) MSB. Minor text changes in: • Table 8. PWMx, EN; • Table 48. GLOBAL_CFG (0x04) MSB description. L99MH98 DS14611 - Rev 3 page 137/147 |