| データシートサーチシステム |
|
IS66WVS2M8BLL-R104NLI データシート(PDF) 2 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS66WVS2M8BLL-R104NLI データシート(HTML) 2 Page - Integrated Silicon Solution, Inc |
|
2 / 35 page ![]() IS66/67WVS2M8ALL/BLL Integrated Silicon Solution, Inc.- www.issi.com 2 Rev. A1 11/13/2023 FEATURES • Industry Standard Serial Interface - SPI Protocol: 1-1-1 & 1-4-4 operation - QPI protocol: 4-4-4 operation - Low Signal Counts :6 Signal pins (CE#, CLK, SIO0~SIO3) • High Performance - Clock Rate: 33MHz(max) for normal read 104MHz(max) for fast read - Page Size: 1024 Byte - Configurable Wrapped Burst Length: 32 and 1024 (Default=1024) - Always Wrapped Burst Operation within page: - Drive Strength: 50 ohm • Low Power Consumption - Single 1.65V to 1.95V Voltage Supply - Single 2.7V to 3.6V Voltage Supply - 15 mA Max. Active QPI Mode Read Current at 104MHz, 105°C - 150 µA typ. Standby Current • Hardware Features - CLK Input: Serial clock input - SIO0 – SIO3: Serial Data Input or Serial Data Output • Temperature Grades - Industrial: -40°C to +85°C - Auto (A1) Grade: -40°C to +85°C - Auto (A2) Grade: -40°C to +105°C • Industry Standard PACKAGE - K = 8-contact WSON 6x5mm - T = 8-contact USON 4x3mm - N = 8-pin SOIC 150mil - Y = 12-ball WLCSP - KGD (Call Factory) 16Mb SerialRAM 1.8V/3.0V, 104MHz, SPI & QPI Protocol |