| データシートサーチシステム |
|
IS66WVR4M8BLL-R104KLA1 データシート(PDF) 24 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS66WVR4M8BLL-R104KLA1 データシート(HTML) 24 Page - Integrated Silicon Solution, Inc |
|
24 / 34 page ![]() IS66/67WVR4M8ALL/BLL Integrated Silicon Solution, Inc.- www.issi.com 24 Rev. A2 07/08/2024 6. REGISTER The device has 8-bit Configuration Register and 64 bit ID Register. 6.1 DEVICE IDENTIFICATION REGISTER It is a read only, non-volatile, word register that provides device information. The device information fields can be identified as below. a. Manufacturer b. KGD Test i. Not Passed Yet (55h) ii. Passed (5Dh) c. Density Table 6.2 ID Register Bits Function Value 63 - 56 Manufacturer 1001 1101 (9Dh) = ISSI 55 - 48 KGD Test 0101 0101 (55h) = Not Passed Yet. 0101 1101 (5Dh) = PASS Default value on this register is (0x55 = Not Passed Yet). After the all tests passed, then programmed as 0x5D (Pass) in manufacturing process. 47 - 45 Device Density 000 = 8Mb 001 = 16Mb 010 = 32Mb 011~111 = Reserved. 44 - 0 Reserved Reserved |