データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41ST87WMX6TR データシート(PDF) 49 Page - STMicroelectronics

部品番号 M41ST87WMX6TR
部品情報  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WMX6TR データシート(HTML) 49 Page - STMicroelectronics

Back Button M41ST87WMX6TR Datasheet HTML 45Page - STMicroelectronics M41ST87WMX6TR Datasheet HTML 46Page - STMicroelectronics M41ST87WMX6TR Datasheet HTML 47Page - STMicroelectronics M41ST87WMX6TR Datasheet HTML 48Page - STMicroelectronics M41ST87WMX6TR Datasheet HTML 49Page - STMicroelectronics M41ST87WMX6TR Datasheet HTML 50Page - STMicroelectronics M41ST87WMX6TR Datasheet HTML 51Page - STMicroelectronics M41ST87WMX6TR Datasheet HTML 52Page - STMicroelectronics M41ST87WMX6TR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
M41ST87W
Packing information
DocID9497 Rev 11
49/54
7
Packing information
7.1
SOX28 carrier tape
Figure 31: Carrier tape for SOX28 package
Table 24: Carrier tape dimensions for SOX28 package
Package
W
D
E
P0
P2
F
A0
B0
K0
P1
T
Unit
Bulk
Qty
SOX28
24.00
±0.30
1.50
+0.10/
–0.00
1.75
±0.10
4.00
±0.10
2.00
±0.10
11.50
±0.10
12.70
±0.10
18.20
±0.10
3.20
±0.10
16.00
±0.10
0.30
±0.05
mm
1000
T
K0
P1
A0
B0
P2
P0
CENTER LINES
OF CAVITY
W
E
F
D
TOP COVER
TAPE
USER DIRECTION OF FEED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54