データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41ST87WSS6TR データシート(PDF) 3 Page - STMicroelectronics

部品番号 M41ST87WSS6TR
部品情報  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WSS6TR データシート(HTML) 3 Page - STMicroelectronics

  M41ST87WSS6TR Datasheet HTML 1Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 2Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 3Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 4Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 5Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 6Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 7Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 8Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
M41ST87W
Contents
DocID9497 Rev 11
3/54
3.6
Square wave output ........................................................................ 35
3.7
Full-time 32 kHz square wave output .............................................. 36
3.8
Power-on reset................................................................................ 36
3.9
Reset inputs (
������������������������������������������������������������������������and������������������������������������������������������������������������)................................................36
3.10
Power-fail comparators (1 and 2) .................................................... 37
3.11
Power-fail outputs ........................................................................... 37
3.12
Century bits ..................................................................................... 38
3.13
Output driver pin.............................................................................. 38
3.14
Battery low warning......................................................................... 38
3.15
trec bit ............................................................................................... 39
3.16
Electronic serial number.................................................................. 39
3.17
Oscillator stop detection .................................................................. 39
3.18
Initial power-on defaults .................................................................. 40
4
Maximum ratings ........................................................................... 41
5
DC and AC parameters ................................................................. 42
6
Package information ..................................................................... 46
6.1
SOX28 package information ........................................................... 46
6.2
SSOP20 package information ......................................................... 48
7
Packing information ...................................................................... 49
7.1
SOX28 carrier tape ......................................................................... 49
7.2
SSOP20 carrier tape ....................................................................... 50
7.3
Reel information for SOX28 and SSOP20 ...................................... 51
8
Part numbering.............................................................................. 52
9
Revision history ............................................................................ 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54