| データシートサーチシステム |
|
M41ST87WSS6F データシート(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST87WSS6F データシート(HTML) 20 Page - STMicroelectronics |
|
20 / 54 page ![]() Operating modes M41ST87W 20/54 DocID9497 Rev 11 Table 4: Tamper detection truth table Option Mode TCMX TPMX I Normally open/tamper to GND (1) 1 0 II Normally open/tamper to VOUT (1) 1 1 III Normally closed/tamper to GND 0 0 IV Normally closed/tamper to VOUT 0 1 Notes: (1) No battery current drawn during battery backup. Figure 15: Basic tamper detect options 1. Available in SOX28 package only. Figure 16: Tamper detect output options 1. Available in SOX28 package only. TAMPER LO, NORMALLY OPEN TAMPER HI, NORMALLY, CLOSED User Configuration TCM X, TPMX IRQ - Interrupt the processor on tamper TP CLR - Clearexternal RAM on tamper(1) CLR - Clear internal RAM on tamper Time stamp tamper event CLRX EX T TIE X CLRX TAMPER HI, NORMALLY OPEN TAMPER LO, NORMALLY CLOSED Triggering Event Tamper Event Output TCMX, TPMX = 1,1 TCMX, TPMX = 0,0 TCMX, TPMX = 1,0 TCMX, TPMX = 0,1 VCC (VOUT) VCC (VOUT) VCC (VOUT) IRQ - Interrupt the processor on tamper User Configuration TPCLR - Clear external RAM on tamper (1) RESET OUT CLR - Clear 128 bytes internal RAM on tamper Time stamp tamper event (to RTC) CLR1 EXT TIE1 CLR1 CLR2 EXT TIE2 CLR2 (other reset sources) TEB2 TP2 TEB1 TP1 |