| データシートサーチシステム |
|
IS67WVS2M8BLL-R104WLA2 データシート(PDF) 8 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS67WVS2M8BLL-R104WLA2 データシート(HTML) 8 Page - Integrated Silicon Solution, Inc |
|
8 / 35 page ![]() IS66/67WVS2M8ALL/BLL Integrated Silicon Solution, Inc.- www.issi.com 8 Rev. A1 11/13/2023 3. Power-up Initialization The SPI/QPI includes on-chip voltage sensor used to start the self-initialization process. When VDD reaches a stable level at above the minimum VDD, the device will need 150us to complete its self-initialization process. After the 150us period, the device will be ready for normal operation. Figure 3.1 POWER-UP Timing VDD VDDmin Device Initialization Device is ready for normal operation tPUmin =150us |