データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC106 データシート(PDF) 29 Page - STMicroelectronics

部品番号 FC106
部品情報  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 データシート(HTML) 29 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 24Page - STMicroelectronics FC106 Datasheet HTML 25Page - STMicroelectronics FC106 Datasheet HTML 26Page - STMicroelectronics FC106 Datasheet HTML 27Page - STMicroelectronics FC106 Datasheet HTML 28Page - STMicroelectronics FC106 Datasheet HTML 29Page - STMicroelectronics FC106 Datasheet HTML 30Page - STMicroelectronics FC106 Datasheet HTML 31Page - STMicroelectronics FC106 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
FC106
Revision 1.2
29/32
September 98
8
Package Specifications
The FC106 is available in two sizes of 64-pin plastic quad flat-pack: the FC106/14 measures
14x14 mm and the FC106/10 measures 10x10 mm.
8.1
FC106 64-pin PQFP pinout
Figure 8.1
Pinout for 64-pin PQFP (both 14x14 mm and 10x10 mm sizes)
NC
Vss
Vdd
TX3
TX4
TX5
TX6
Vdd
TX7
TX8
TX9
TX0
TX1
TX2
Vss
Vss
Vss
RX8
RX1
RX2
Vdd
RX3
RX4
RX5
RX6
Vdd
RX7
COM_DET
Vss
RX0
ZC-
RX9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
64
62
61
60
59
58
57
56
55
63
54
53
52
51
50
49
17
19
20
21
22
23
24
25
26
18
27
28
29
30
31
32
RS (test mode)
TDI
JTAG PINS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32