| データシートサーチシステム |
|
SN74AHCT240 データシート(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74AHCT240 データシート(HTML) 23 Page - Texas Instruments |
|
23 / 43 page ![]() www.ti.com EXAMPLE BOARD LAYOUT 0.07 MAX ALL AROUND 0.07 MIN ALL AROUND 20X (1.85) 20X (0.45) 18X (0.65) (7) (R0.05) TYP SSOP - 2 mm max height DB0020A SMALL OUTLINE PACKAGE 4214851/B 08/2019 NOTES: (continued) 6. Publication IPC-7351 may have alternate designs. 7. Solder mask tolerances between and around signal pads can vary based on board fabrication site. LAND PATTERN EXAMPLE EXPOSED METAL SHOWN SCALE: 10X SYMM SYMM 1 10 11 20 15.000 METAL SOLDER MASK OPENING METAL UNDER SOLDER MASK SOLDER MASK OPENING EXPOSED METAL EXPOSED METAL SOLDER MASK DETAILS NON-SOLDER MASK DEFINED (PREFERRED) SOLDER MASK DEFINED |