| データシートサーチシステム |
|
BAT54CWFILMY データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BAT54CWFILMY データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() Characteristics BAT54-Y 2/11 DocID17696 Rev 3 1 Characteristics Table 2: Absolute ratings (limiting values at 25 °C, unless otherwise specified) Symbol Parameter Value Unit VRRM Repetitive peak reverse voltage 40 V IF Continuous forward current 300 mA IFSM Surge non repetitive forward current tp = 10 ms sinusoidal 1 A Tstg Storage temperature range -65 to +150 °C Tj Operating junction temperature range(1) -40 to +150 °C TL Maximum soldering temperature 260 °C Notes: (1)(dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink. Table 3: Thermal parameters Symbol Parameter Value Unit Rth(j-a) Junction to ambient(1) SOT-23 500 °C/W SOT-323 550 Notes: (1)Epoxy printed circuit board with recommended pad layout Table 4: Static electrical characteristics Symbol Parameter Test conditions Min. Typ. Max. Unit IR(1) Reverse leakage current Tj = 25 °C VR = 30 V - - 1 µA Tj = 100 °C - - 100 VF(2) Forward voltage drop Tj = 25 °C IF = 0.1 mA - - 240 mV IF = 1 mA - - 320 IF = 10 mA - - 400 IF = 30 mA - - 500 IF = 100 mA - - 900 Notes: (1)Pulse test: tp = 5 ms, δ < 2 % (2)Pulse test: tp = 380 µs, δ < 2% Table 5: Dynamic characteristics Symbol Parameter Test conditions Min. Typ. Max. Unit C Diode capacitance VR = 1 V, F = 1 MHz - 7 10 pF trr Reverse recovery time IF = 10 mA, IR = 10 mA, Tj = 25 °C Irr = 1 mA, RL = 100 Ω - 5 ns |