データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99ASC03TR データシート(PDF) 51 Page - STMicroelectronics

部品番号 L99ASC03TR
部品情報  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03TR データシート(HTML) 51 Page - STMicroelectronics

Back Button L99ASC03TR Datasheet HTML 47Page - STMicroelectronics L99ASC03TR Datasheet HTML 48Page - STMicroelectronics L99ASC03TR Datasheet HTML 49Page - STMicroelectronics L99ASC03TR Datasheet HTML 50Page - STMicroelectronics L99ASC03TR Datasheet HTML 51Page - STMicroelectronics L99ASC03TR Datasheet HTML 52Page - STMicroelectronics L99ASC03TR Datasheet HTML 53Page - STMicroelectronics L99ASC03TR Datasheet HTML 54Page - STMicroelectronics L99ASC03TR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 73 page
background image
DocID023504 Rev 7
51/73
L99ASC03
ST-SPI Protocol
72
Table 35. Device information read access operation code
Operating code
OC1
OC0
11
Table 36. Device information registers
Address
Data
Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
3FH
<Advanced option>
3EH
<GSB options>
R
0
0
0
0H
...
...
00H
20H
<SPI CPHA test>
R
01
0101
01
1FH
<WD bit pos. 14>opt.
R00H
...
...
R
00H
14H
<WD bit pos. 2>opt.
RC0H
13H
<WD bit pos. 1>opt.
R41H
12H
<WD type 2>
R
99H
11H
<WD type 1>
R
49H
10H
<SPI mode>
R
90H
...
...
R
00H
0AH
<Silicon version>
R
0H
0H
09H
<Device number 8>
R
00H
...
...
R
00H
04H
<Device number 3>
R
10H
03H
<Device number 2>
R
49H
02H
<Device number 1>
R
55H
01H
<Device family>
R
01H
00H
<Company code>
R
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73