データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99DZ300G データシート(PDF) 3 Page - STMicroelectronics

部品番号 L99DZ300G
部品情報  Automotive front door device with CAN FD and LIN
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ300G データシート(HTML) 3 Page - STMicroelectronics

  L99DZ300G Datasheet HTML 1Page - STMicroelectronics L99DZ300G Datasheet HTML 2Page - STMicroelectronics L99DZ300G Datasheet HTML 3Page - STMicroelectronics L99DZ300G Datasheet HTML 4Page - STMicroelectronics L99DZ300G Datasheet HTML 5Page - STMicroelectronics L99DZ300G Datasheet HTML 6Page - STMicroelectronics L99DZ300G Datasheet HTML 7Page - STMicroelectronics L99DZ300G Datasheet HTML 8Page - STMicroelectronics L99DZ300G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 157 page
background image
1
Block diagram and pin description
Figure 1. Block diagram
5V_1
2x
VREG1
VREG2
5V_2
NRESET
RXDC
TXDC
CAN_H
CAN_L
VSREG
Debug
CP
VS
Pump
Charge
HB1 (300 mΩ, 3 A)
HB2 (1600 mΩ, 0.5 A)
HB6 (300 mΩ, 3 A)
HB3 (1600 mΩ, 0.5 A)
HB4 (150 mΩ, 6 A)
HB5 (100 mΩ, 7.5 A)
Driver Interface,
EC Glass
Control
6-BIT SPI
RXDL/NINT
TXDL
LIN
SPI Interface
TO
Watchdog
EI1
DIR1 / EI2
Direct Drive 1
CM
SGND
PGND
Buffered VS
Logic & Diagnostic
controlled
½
Bridge
½
Bridge
½
Bridge
½
Bridge
½
Bridge
½
Bridge
HS
n-chan
HS
n-chan
HS
n-chan
HS
n-chan
HS
p-chan
HS
p-chan
HS
p-chan
HS
p-chan
Block
HS
p-chan
HS
p-chan
CP2P
PWM1-6/DIR2
PWM4-5
Thermal
Clusters
CAN_SUP
Digital
External Interrupts
PWM1-6
L99DZ300G
Block diagram and pin description
DS13902 - Rev 11
page 3/157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More