データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS-D200 データシート(PDF) 13 Page - STMicroelectronics

部品番号 GS-D200
部品情報  2/2.5A BIPOLAR STEPPER MOTOR DRIVE MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-D200 データシート(HTML) 13 Page - STMicroelectronics

Back Button GS-D200 Datasheet HTML 9Page - STMicroelectronics GS-D200 Datasheet HTML 10Page - STMicroelectronics GS-D200 Datasheet HTML 11Page - STMicroelectronics GS-D200 Datasheet HTML 12Page - STMicroelectronics GS-D200 Datasheet HTML 13Page - STMicroelectronics GS-D200 Datasheet HTML 14Page - STMicroelectronics GS-D200 Datasheet HTML 15Page - STMicroelectronics GS-D200 Datasheet HTML 16Page - STMicroelectronics GS-D200 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/17
Figure 16: GS-D200 Free Air Derating Curve
Figure 17: GS-D200S Free Air Derating Curve
MULTI MODULES APPLICATION
In complex systems, many motors must be control-
led and driven. In such a case more than one
GS-D200 or GS-D200 S must be used.
To avoid chopper frequencies noise and beats, all
the modules should be synchronized.
If all the motors are relatively small, the fast decay
may be used, the chopper frequency does not need
any adjustement and fig. 18 shows how to synchro-
nize several modules.
When at least one motor is relatively large a lower
chopper frequency and a slow decay may be re-
quired: In such a case the overall system chopper
frequency is determined by the largest motor in the
system as shown in fig. 19.
Figure 18: Multimotor Synchronization. Small Motor and Fast Current Decay
Tamb (
°C)
Tamb (
°C)
GS-D200/GS-D200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17