データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

076593 データシート(PDF) 4 Page - Mountz Torque. All Rights Reserved.

部品番号 076593
部品情報  SAFEGUARDING AGAINST FASTENING FAILURES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOUNTZ [Mountz Torque. All Rights Reserved.]
ホームページ  https://www.mountztorque.com/
Logo MOUNTZ - Mountz Torque. All Rights Reserved.

076593 データシート(HTML) 4 Page - Mountz Torque. All Rights Reserved.

  076593 Datasheet HTML 1Page - Mountz Torque. All Rights Reserved. 076593 Datasheet HTML 2Page - Mountz Torque. All Rights Reserved. 076593 Datasheet HTML 3Page - Mountz Torque. All Rights Reserved. 076593 Datasheet HTML 4Page - Mountz Torque. All Rights Reserved. 076593 Datasheet HTML 5Page - Mountz Torque. All Rights Reserved. 076593 Datasheet HTML 6Page - Mountz Torque. All Rights Reserved. 076593 Datasheet HTML 7Page - Mountz Torque. All Rights Reserved. 076593 Datasheet HTML 8Page - Mountz Torque. All Rights Reserved. 076593 Datasheet HTML 9Page - Mountz Torque. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Preset cam-over torque screwdriver
improves productivity
Modern, effective preset torque screwdrivers
improve productivity by guaranteeing that the
correct torque value is consistently applied to
each fastener. Preset torque screwdrivers are
ideal for fastening applications where operators
repeatedly assemble parts at the same torque
setting. A preset screwdriver is similar to setting
an alarm clock to signal the achievement of a
selected time. The screwdriver is pre-set to the
application’s required torque value. The tool
signals once torque is achieved.
A preset screwdriver doesn’t have an external
torque adjustment scale. These tools have an
internal torque adjustment mechanism for
setting the torque value and preset using a
hex key and a torque analyzer. The locking
mechanism prevents accidental torque setting
changes. Once the tool is set the screwdriver’s
end cap is sealed with a calibration sticker and
ready to be used. However, if the preset torque
value needs to be changed for new fastening
application the flexible tool can easily be
adjusted to a new preset torque value.
The last precision torque
screwdriver you’ll ever need
to buy!
We’ve tested them over millions of cycles
in our controlled lab environment and we
still can’t break them!
It’s why we have an industry-leading
warranty.
• Mountz FG tools are the only cam-over
drivers on the market to offer a two year
unlimited warranty. If it breaks in any
way, we’ll fix it or replace it for free.
• Lifetime guarantee against
manufacturing defects.
• Warranty includes a free calibration
within the first year.
4



Html Pages

1 2 3 4 5 6 7 8 9