データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ABCIRPSE22FS データシート(PDF) 11 Page - TT Electronics.

部品番号 ABCIRPSE22FS
部品情報  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRPSE22FS データシート(HTML) 11 Page - TT Electronics.

Back Button ABCIRPSE22FS Datasheet HTML 7Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 8Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 9Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 10Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 11Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 12Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 13Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 14Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 15Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
9
ABCIRP
individual wire seal grommet
ABCIRP
Grommet Type
Contact
Arrangement
Wire Insulation Min
O/D mm
Wire Insulation Max
O/D mm
Part Number
Pin, Small Bore
18-19
0.8
2.30
ABCIRP18-19GPS
22-14
ABCIRP22-14GPS
28-21
ABCIRP28-21GPS
40-A60
ABCIRP40-A60GPS
Socket, Small Bore
18-19
0.8
2.30
ABCIRP18-19GSS
22-14
ABCIRP22-14GSS
28-21
ABCIRP28-21GSS
40-A60
ABCIRP40-A60GSS
Pin, Large Bore
18-19
1.5
3.30
ABCIRP18-19GPL
22-14
ABCIRP22-14GPL
28-21
ABCIRP28-21GPL
40-A60
ABCIRP40-A60GPL
Socket, Large Bore
18-19
1.5
3.30
ABCIRP18-19GSL
22-14
ABCIRP22-14GSL
28-21
ABCIRP28-21GSL
40-A60
ABCIRP40-A60GSL
Grommet Type
Contact
Arrangement
Wire Insulation Min
O/D mm
Wire Insulation Max
O/D mm
Part Number
Pin, Small Bore
24-10
1.86
4.90
ABCIRP24-10GPS
Socket, Small Bore
ABCIRP24-10GSS
Pin, Large Bore
3.00
7.20
ABCIRP24-10GPL
Socket, Large Bore
ABCIRP24-10GSL
Grommet Type
Contact
Arrangement
Wire Insulation Min
O/D mm
Wire Insulation Max
O/D mm
Part Number
Pin, Small Bore
20-15
0.8
2.30
ABCIRP20-15GPS
32-A13
ABCIRP32-A13GPS
36-A22
ABCIRP36-A22GPS
40-A35
ABCIRP40-A35GPS
Socket, Small Bore
20-15
0.8
2.30
ABCIRP20-15GSS
32-A13
ABCIRP32-A13GSS
36-A22
ABCIRP36-A22GSS
40-A35
ABCIRP40-A35GSS
Pin, Large Bore
20-15
2.35
5.20
ABCIRP20-15GPL
32-A13
ABCIRP32-A13GPL
36-A22
ABCIRP36-A22GPL
40-A35
ABCIRP40-A35GPL
Socket, Large Bore
20-15
2.35
5.20
ABCIRP20-15GSL
32-A13
ABCIRP32-A13GSL
36-A22
ABCIRP36-A22GSL
40-A35
ABCIRP40-A35GSL
Individual Wire Seal Grommets - Size 16
Individual Wire Seal Grommets - Size 12 Contacts
Individual Wire Seal Grommets - Size 8 Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43