データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ABCIRP20-15PFS データシート(PDF) 35 Page - TT Electronics.

部品番号 ABCIRP20-15PFS
部品情報  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRP20-15PFS データシート(HTML) 35 Page - TT Electronics.

Back Button ABCIRP20-15PFS Datasheet HTML 31Page - TT Electronics. ABCIRP20-15PFS Datasheet HTML 32Page - TT Electronics. ABCIRP20-15PFS Datasheet HTML 33Page - TT Electronics. ABCIRP20-15PFS Datasheet HTML 34Page - TT Electronics. ABCIRP20-15PFS Datasheet HTML 35Page - TT Electronics. ABCIRP20-15PFS Datasheet HTML 36Page - TT Electronics. ABCIRP20-15PFS Datasheet HTML 37Page - TT Electronics. ABCIRP20-15PFS Datasheet HTML 38Page - TT Electronics. ABCIRP20-15PFS Datasheet HTML 39Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
Shell
Size
A
B Max
CØ
Max
D
E Max
FØ
Max
T Thread
(Metric)
Part Number
ABB**NP
(Metric)
T Thread
(Imperial)
Part Number
ABB**NPA
(Imperial)
18
26.97
34.62
30.48
2.69/4.22
20.21
6.00
M3x0.5
18
4-40
UNC
18
20
29.36
38.48
33.53
22.47
20
20
22
31.75
40.84
36.65
23.54
22
22
24
34.93
44.83
40.00
25.90
7.50
24
24
28
39.67
51.18
46.61
29.08
28
28
32
44.45
59.10
52.75
3.50/5.00
30.68
8.00
M4x0.7
32
8-32
UNC
32
36
49.23
63.86
59.10
35.43
36
36
40
55.58
74.68
68.33
38.60
40
40
33
ABCIRP
connector fixing nut plates
grommet filler plug
ABCIRP
Damage to grommet
ABB16KFP -
ABB12KFPF80 -
ABB8KFPF80 -
To be used if grommet is pierced incorrectly
Grommet filler plug
Sealed using filler plugs
ABB**NP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43