| データシートサーチシステム |
|
SN74LVC07ADE4 データシート(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC07ADE4 データシート(HTML) 20 Page - Texas Instruments |
|
20 / 38 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 24-Oct-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant SN74LVC07ADBR SSOP DB 14 2000 330.0 16.4 8.35 6.6 2.4 12.0 16.0 Q1 SN74LVC07ADGVR TVSOP DGV 14 2000 330.0 12.4 6.8 4.0 1.6 8.0 12.0 Q1 SN74LVC07ADGVR1G4 TVSOP DGV 14 2000 330.0 12.4 6.8 4.0 1.6 8.0 12.0 Q1 SN74LVC07ADR SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 SN74LVC07ADRG3 SOIC D 14 2500 330.0 16.8 6.5 9.5 2.1 8.0 16.0 Q1 SN74LVC07ADRG4 SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 SN74LVC07ADRG4 SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 SN74LVC07ADT SOIC D 14 250 180.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 SN74LVC07ANSR SOP NS 14 2000 330.0 16.4 8.1 10.4 2.5 12.0 16.0 Q1 SN74LVC07APWR TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 SN74LVC07APWRG3 TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 SN74LVC07APWRG4 TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 SN74LVC07APWT TSSOP PW 14 250 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 SN74LVC07ARGYR VQFN RGY 14 3000 330.0 12.4 3.75 3.75 1.15 8.0 12.0 Q1 Pack Materials-Page 1 |