データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74LVC07ADGVR データシート(PDF) 20 Page - Texas Instruments

部品番号 SN74LVC07ADGVR
部品情報  SN74LVC07A Hex Buffer and Driver With Open-Drain Outputs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC07ADGVR データシート(HTML) 20 Page - Texas Instruments

Back Button SN74LVC07ADGVR Datasheet HTML 16Page - Texas Instruments SN74LVC07ADGVR Datasheet HTML 17Page - Texas Instruments SN74LVC07ADGVR Datasheet HTML 18Page - Texas Instruments SN74LVC07ADGVR Datasheet HTML 19Page - Texas Instruments SN74LVC07ADGVR Datasheet HTML 20Page - Texas Instruments SN74LVC07ADGVR Datasheet HTML 21Page - Texas Instruments SN74LVC07ADGVR Datasheet HTML 22Page - Texas Instruments SN74LVC07ADGVR Datasheet HTML 23Page - Texas Instruments SN74LVC07ADGVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Oct-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVC07ADBR
SSOP
DB
14
2000
330.0
16.4
8.35
6.6
2.4
12.0
16.0
Q1
SN74LVC07ADGVR
TVSOP
DGV
14
2000
330.0
12.4
6.8
4.0
1.6
8.0
12.0
Q1
SN74LVC07ADGVR1G4
TVSOP
DGV
14
2000
330.0
12.4
6.8
4.0
1.6
8.0
12.0
Q1
SN74LVC07ADR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
SN74LVC07ADRG3
SOIC
D
14
2500
330.0
16.8
6.5
9.5
2.1
8.0
16.0
Q1
SN74LVC07ADRG4
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
SN74LVC07ADRG4
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
SN74LVC07ADT
SOIC
D
14
250
180.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
SN74LVC07ANSR
SOP
NS
14
2000
330.0
16.4
8.1
10.4
2.5
12.0
16.0
Q1
SN74LVC07APWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
SN74LVC07APWRG3
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
SN74LVC07APWRG4
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
SN74LVC07APWT
TSSOP
PW
14
250
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
SN74LVC07ARGYR
VQFN
RGY
14
3000
330.0
12.4
3.75
3.75
1.15
8.0
12.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38