| データシートサーチシステム |
|
SN74LVC2G17DBVT データシート(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC2G17DBVT データシート(HTML) 16 Page - Texas Instruments |
|
16 / 34 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 17-Oct-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant SN74LVC2G17DBVR SOT-23 DBV 6 3000 178.0 8.4 3.2 3.2 1.4 4.0 8.0 Q3 SN74LVC2G17DBVT SOT-23 DBV 6 250 180.0 8.4 3.23 3.17 1.37 4.0 8.0 Q3 SN74LVC2G17DBVTG4 SOT-23 DBV 6 250 178.0 9.0 3.23 3.17 1.37 4.0 8.0 Q3 SN74LVC2G17DCKR SC70 DCK 6 3000 178.0 8.4 2.25 2.45 1.2 4.0 8.0 Q3 SN74LVC2G17DCKR SC70 DCK 6 3000 180.0 8.4 2.3 2.5 1.2 4.0 8.0 Q3 SN74LVC2G17DCKRG4 SC70 DCK 6 3000 178.0 9.2 2.4 2.4 1.22 4.0 8.0 Q3 SN74LVC2G17DCKT SC70 DCK 6 250 178.0 9.2 2.4 2.4 1.22 4.0 8.0 Q3 SN74LVC2G17DCKT SC70 DCK 6 250 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 SN74LVC2G17DCKT SC70 DCK 6 250 180.0 8.4 2.41 2.41 1.2 4.0 8.0 Q3 SN74LVC2G17DCKTG4 SC70 DCK 6 250 178.0 9.2 2.4 2.4 1.22 4.0 8.0 Q3 SN74LVC2G17DRYR SON DRY 6 5000 180.0 9.5 1.15 1.6 0.75 4.0 8.0 Q1 SN74LVC2G17DRYRG4 SON DRY 6 5000 180.0 9.5 1.15 1.6 0.75 4.0 8.0 Q1 SN74LVC2G17DSF2 SON DSF 6 5000 180.0 9.5 1.16 1.16 0.5 4.0 8.0 Q3 SN74LVC2G17DSF2G4 SON DSF 6 5000 180.0 9.5 1.16 1.16 0.5 4.0 8.0 Q3 SN74LVC2G17DSFR SON DSF 6 5000 180.0 9.5 1.16 1.16 0.5 4.0 8.0 Q2 SN74LVC2G17YZPR DSBGA YZP 6 3000 178.0 9.2 1.02 1.52 0.63 4.0 8.0 Q1 Pack Materials-Page 1 |