| データシートサーチシステム |
|
TLV751 データシート(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV751 データシート(HTML) 24 Page - Texas Instruments |
|
24 / 31 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Jun-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) PTLV75101PDSQR Obsolete Preproduction WSON (DSQ) | 10 - - Call TI Call TI - TLV75101PDSQR Active Production WSON (DSQ) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1XUH TLV75101PDSQR.A Active Production WSON (DSQ) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1XUH TLV75101PDSQT Active Production WSON (DSQ) | 10 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1XUH TLV75101PDSQT.A Active Production WSON (DSQ) | 10 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1XUH TLV75101PDSQTG4 Active Production WSON (DSQ) | 10 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1XUH TLV75101PDSQTG4.A Active Production WSON (DSQ) | 10 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1XUH TLV751120280PDSQR Active Production WSON (DSQ) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2AOH TLV751120280PDSQR.A Active Production WSON (DSQ) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2AOH TLV751180280PDSQR Active Production WSON (DSQ) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2ALH TLV751180280PDSQR.A Active Production WSON (DSQ) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2ALH TLV751180300PDSQR Active Production WSON (DSQ) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2A1H TLV751180300PDSQR.A Active Production WSON (DSQ) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2A1H TLV751180330PDSQR Active Production WSON (DSQ) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2AMH TLV751180330PDSQR.A Active Production WSON (DSQ) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2AMH TLV751330500PDSQR Active Production WSON (DSQ) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2ANH TLV751330500PDSQR.A Active Production WSON (DSQ) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2ANH V751180330PDSQRG4 Active Production WSON (DSQ) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2AMH V751180330PDSQRG4.A Active Production WSON (DSQ) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 2AMH (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. (4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum column width. Addendum-Page 1 |