| データシートサーチシステム |
|
UCD3138RHAR データシート(PDF) 59 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
UCD3138RHAR データシート(HTML) 59 Page - Texas Instruments |
|
59 / 99 page ![]() 10.2.2.2 DPWM Initialization for PSFB The UCD3138x DPWM peripheral provides flexibility for a wide range of topologies. The PSFB configuration utilizes the Intra-Mux and Edge Generation Modules of the DPWM. For a diagram showing these modules, see the UCD3138x Digital Power Peripherals Manual. Here is a schematic of the power stage of the PSFB: QT1 QB1 Lr ISOLATED GATE Transformer SYNCHRONOUS GATE DRIVE PRIM CURRENT T1 T1 VBUS QT2 QB2 D1 D2 T2 L1 Q5 R2 Q6 I_pri VOUT Figure 10-2. Schematic – PSFB Power Stage www.ti.com UCD3138 SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 59 Product Folder Links: UCD3138 |