| データシートサーチシステム |
|
UCD3138RHAT データシート(PDF) 61 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
UCD3138RHAT データシート(HTML) 61 Page - Texas Instruments |
|
61 / 99 page ![]() Figure 10-4. Fixed Signals to Bridge These signals are actually routed to pins DPWM3A and 3B using the Intra Mux with these statements: Dpwm3Regs.DPWMCTRL0.bit.PWM_A_INTRA_MUX = 7; // Send DPWM1C Dpwm3Regs.DPWMCTRL0.bit.PWM_B_INTRA_MUX = 8; // Send DPWM2C Since these signals are really being used as events in the timer, the #defines are called EV5 and EV6. Here are the statements which initialize them: www.ti.com UCD3138 SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 61 Product Folder Links: UCD3138 |